PART |
Description |
Maker |
C9404MC |
Integrating optical system, image sensor and circuit
|
Hamamatsu Corporation
|
S5K433CA S5K433LA |
1/4" Optical Size 640x480(VGA) 3.3V/2.8V CMOS Image Sensor
|
Samsung Electronic
|
S5K437CX |
1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
|
Samsung semiconductor
|
LC9948G |
1/5 Optical Size CCIR B/W Solid-State Image Sensor 1 / 5光学尺寸无线电咨询委员会/黑白固态图像传感器
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
FP2000 |
Boost and buck AVR for voltage stabilization
|
FSP TECHNOLOGY INC.
|
IRH015020LW02 IRJ008010LW02 IRJ015020LW02 IRH05405 |
1500 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 800 MHz - 1000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 5400 MHz - 5900 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 9500 MHz - 10500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2300 MHz - 2500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 8500 MHz - 9600 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2000 MHz - 4000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 12000 MHz - 15000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX 2100 MHz - 2300 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 3700 MHz - 4200 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 16000 MHz - 19000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 9 dB CONVERSION LOSS-MAX 10000 MHz - 12000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX
|
MITEQ INC
|
VCS332Z VHP4Z VCS331Z VFP4Z |
Z-Based Bulk Metal㈢ Foil Technology Rapid ツR Stabilization - Low WCR - Low TCR Z-Based Bulk Metal? Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
|
Vishay Siliconix
|
BU6568GVW-E2 BU6566GVW BU6566GVW09 BU6568GV-E2 |
SPECIALTY CONSUMER CIRCUIT, PBGA100 Camera Image Processors Compatible with JPEG Image
|
Rohm
|
LC25W4532EAJ28 LC25W4532CAJ28 LC25EW4532EAJ28 LC25 |
2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
|
Bookham, Inc.
|
LC25W4532EBJ28 LC25W4532CBJ28 LC25EW4532EBJ28 LC25 |
2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
|
Bookham, Inc.
|
HV7161SPA2 |
CMOS Image Sensor with Image Signal Processing
|
List of Unclassifed Manufacturers
|